PART |
Description |
Maker |
IDT54FCT821ADSOB IDT54FCT821ADSO IDT54FCT821ALSOB |
10-Bit Bus Interface Register with 3-State HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER From old datasheet system
|
IDT Integrated Device Technology
|
INF8594E |
512 x 8-bit CMOS EEPROM with IIC-bus interface 512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
|
Integral Corp.
|
NM25C041 |
4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI⑩) Synchronous Bus) 4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
QS74FCT861T |
(QS74FCT861T - QS74FCT864T) High Speed Cmos Bus Interface 9 Bit and 10 Bit Tranceivers
|
Quality Semiconductor
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PCF85116-3 |
2048 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
Philips
|
IDTQS74FCT2374CT IDTQS74FCT2374AT IDTQS74FCT2374T |
HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
|
IDT
|
PCF8598C-2 PCF8598C-2T PCF8598C-2P PCF8598C-2P02 P |
1024 ′ 8-bit CMOS EEPROM with I2C-bus interface
|
NXP Semiconductors
|
PCF8594C-2P02 PCF8594C-2T02 PCF8594C-2 PCF8594C-2P |
512 X 8-bit CMOS EEPROM with I2C-bus interface
|
PHILIPS[Philips Semiconductors]
|
HI3-674AKN-5 HI1-574AJD-5 HI1-574AKD-5 HI1-574ASD_ |
A/D Converter, 50KSPS, 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface A/D Converter, 83KSPS, Bus Access Time 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface, 883 Compliant Complete, 12-Bit A/D Converters with Microprocessor Interface
|
INTERSIL[Intersil Corporation]
|